Part Number Hot Search : 
SR6030C BYS12 IRFPC40R KAQV216A BCM4311 RD100S WTD8A60 CDLL1A50
Product Description
Full Text Search
 

To Download DTA114YUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  digital transistors (built-in resistors) dta114ym/dta114ye/DTA114YUA dta114yka /dta114yca/dta114ysa equivalent circuit digital transistor (pnp) features ? built-in bias resistors enable the c onfiguration of an inverter circuit without connecting external input re sistors(see equivalent circuit) ? the bias resistors consist of thin-f ilm resistors with complete isolation to allow positive biasing of the i nput.they also have the advantage of almost completely eliminating parasitic effects ? only the on/off conditions need to be se t for operation, making device design easy pin connenctions and marking dta114ym sot-723 1. in 2. gnd 3. out marking:54 dta114ye sot-523 1. in 2. gnd 3. out marking:54 DTA114YUA sot-323 1. in 2. gnd 3. out marking:54 dta114yka sot-23-3l 1. in 2. gnd 3. out marking:54 dta114yca sot-23 1. in 2. gnd 3. out marking:54 dta114ysa to-92s 1. gnd 2. out 3. in 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification e,jun,2013
maximum ratings(ta=25 unless otherwise noted) limits(dta114y ) symbol parameter m e ua ka ca sa unit v cc supply voltage -50 v v in input voltage -40  +6 v i o output current -70 ma i cm peak collector current -100 ma p d power dissipation 100 150 200 200 200 300 mw t j junction temperature 150 t stg storage temperature -55  +150 electrical characteristics (ta=25 unless otherwise specified) parameter symbol conditions min typ max unit v i(off) v cc =-5v,i o =-100a -0.3 v input voltage v i(on) v o =-0.3v,i o =-1 ma -1.4 v output voltage v o(on) i o /i i =-5ma/-0.25ma -0.3 v input current i i v i =-5v -0.88 ma output current i o(off) v cc =-50v,v i =0 -0.5 a dc current gain g i v o =-5v,i o =-5ma 68 input resistance r 1 7 10 13 k ? resistance ratio r 2 /r 1 3.7 4.7 5.7 transition frequency f t v o =-10v,i o = - 5ma,f=100mhz 250 mhz  2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification e,jun,2013
-0.1 -1 -10 -100 -0.1 -1 -10 -100 -1 -10 -100 -10 -100 -1000 -0 -5 -10 -15 -20 -25 -30 -35 0 1 2 3 4 5 6 7 -0.1 -1 -10 -100 1 10 100 1000 -0.0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -0.01 -0.1 -1 -10 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 400 t a =25 t a =100 off characteristics on characteristics v o =-0.3v input voltage v i(on) (v) output current i o (ma) -0.5 v o(on) ?? i o i o /i i =20 output voltage v o(on) (mv) output current i o (ma) t a =25 t a =100 f=1mhz t a =25 c o ?? v r output capacitance c o (pf) reverse bias voltage v r (v) g i ?? i o v o =-5v dc current gain g i output current i o (ma) t a =25 t a =100 t a =25 t a =100 v cc =-5v output current i o (ma) input voltage v i(off) (v) dta114yxx dta114ym dta114ysa dta114ye ?? t a p d DTA114YUA/ka/ca power dissipation p d (mw) ambient temperature t a ( ) 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification e,jun,2013


▲Up To Search▲   

 
Price & Availability of DTA114YUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X